Part Number Hot Search : 
001AC 05E21 IXD611S7 M304206 P1000 SNC26200 USD4040S D13001
Product Description
Full Text Search
 

To Download MT46V8M16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
128Mb: x4, x8, x16 DDR333 SDRAM Addendum
DOUBLE DATA RATE (DDR) SDRAM
FEATURES
* 167 MHz Clock, 333 Mb/s/p data rate * VDD = +2.5V 0.2V, VDDQ = +2.5V 0.2V * Bidirectional data strobe (DQS) transmitted/ received with data, i.e., source-synchronous data capture (x16 has two - one per byte) * Internal, pipelined double-data-rate (DDR) architecture; two data accesses per clock cycle * Differential clock inputs (CK and CK#) * Commands entered on each positive CK edge * DQS edge-aligned with data for READs; centeraligned with data for WRITEs * DLL to align DQ and DQS transitions with CK * Four internal banks for concurrent operation * Data mask (DM) for masking write data (x16 has two - one per byte) * Programmable burst lengths: 2, 4, or 8 * Concurrent Auto Precharge option supported * Auto Refresh and Self Refresh Modes * FBGA package available * 2.5V I/O (SSTL_2 compatible) * tRAS lockout (tRAP = tRCD) * Backwards compatible with DDR200 and DDR266
MT46V32M4 - 8 Meg x 4 x 4 banks MT46V16M8 - 4 Meg x 8 x 4 banks MT46V8M16 - 2 Meg x 16 x 4 banks
For the latest data sheet revisions, please refer to the Micron Web site: www.micron.com/dramds
DDR333 COMPATIBILITY
DDR333 meets or surpasses all DDR266 timing requirements thus assuring full backwards compatibility with current DDR designs. In addition, these devices support concurrent auto-precharge and tRAS lockout for improved timing performance. The 128Mb, DDR333 device will support an (tREFI) average periodic refresh interval of 15.6s. The standard 66-pin TSOP package is offered for point-to-point applications where the FBGA package is intended for the multi-drop systems. The Micron 128Mb data sheet provides full specifications and functionality unless specified herein.
CONFIGURATION
Architecture Configuration Refresh Count Row Addressing Bank Addressing Column Addressing 32 Meg x 4 16 Meg x 8 8 Meg x 16 8 Meg x 4 x 4 banks 4 Meg x 8 x 4 banks 2 Meg x 16 x 4 banks 4K 4K (A0-A11) 4 (BA0, BA1) 2K (A0-A9, A11) 4K 4K (A0-A11) 4 (BA0, BA1) 1K (A0-A9) 4K 4K (A0-A11) 4 (BA0, BA1) 512 (A0- A8)
OPTIONS
PART NUMBER
32M4 16M8 8M16 TG FJ -6 -6T -75Z none
* Configuration 32 Meg x 4 (8 Meg x 4 x 4 banks) 16 Meg x 8 (4 Meg x 8 x 4 banks) 8 Meg x 16 (2 Meg x 16 x 4 banks) * Plastic Package 66-Pin TSOP (OCPL) 60-Ball FBGA (16x9mm) * Timing - Cycle Time 6ns @ CL = 2.5 (DDR333B-FBGA)1 6ns @ CL = 2.5 (DDR333B-TSOP)1 7.5ns @ CL = 2 (DDR266A)2 * Self Refresh Standard
KEY TIMING PARAMETERS3
SPEED GRADE -6 -6T -75Z NOTE: CLOCK RATE CL = 21 133 MHz 133 MHz 133 MHz 167 MHz 167 MHz 133 MHz DATA-OUT ACCESS DQS-DQ SKEW +0.35ns +0.45ns +0.50ns 2.15ns 2.0ns 2.5ns 0.70ns 0.75ns 0.75ns CL = 2.51 WINDOW2 WINDOW
1. CL = CAS (Read) Latency 2. With a 50/50 clock duty cycle and a minimum clock rate @ CL = 2 ( -75Z) and CL = 2.5 (-6, -6T). 3. Slower speeds are included in the 128Mb base data sheet (-75, -8).
NOTE: 1. Supports PC2700 modules with 2.5-3-3 timing 2. Supports PC2100 modules with 2-3-3 timing
256Mb: x4, x8, x16 DDR333 SDRAM 128Mx4x8x16DDR333.p65 - Rev. A; Pub. 10/01
1
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2001, Micron Technology, Inc.
PRODUCTS AND SPECIFICATIONS DISCUSSED HEREIN ARE FOR EVALUATION AND REFERENCE PURPOSES ONLY AND ARE SUBJECT TO CHANGE BY MICRON WITHOUT NOTICE. PRODUCTS ARE ONLY WARRANTED BY MICRON TO MEET MICRON'S PRODUCTION AND DATA SHEET SPECIFICATIONS.
PRELIMINARY
128Mb: x4, x8, x16 DDR333 SDRAM Addendum
FBGA 60-BALL PACKAGE DIMENSION
0.850 0.075
FBGA PACKAGE PINOUT
x4 (Top View)
SEATING PLANE C
1 A B
6.40 1.80 CTR 0.80 TYP PIN A1 ID BALL A1 1.20 MAX
2
3
4
5
6 A B C D E F G H J K L M
7
8
9
0.10 C
C D E F G H
8.00 0.05
61X 0.45 SOLDER BALL DIAMETER REFERS TO POST REFLOW CONDITION. THE PREREFLOW DIAMETER IS O 0.40 BALL A9
J K L
11.00
C L 1.00 TYP
16.00 0.10
M
VSSQ NC VSS NC VDDQ DQ3 NC VSSQ NC NC VDDQ DQ2 NC VSSQ DQS VSS VREF DM CK CK# A12 CKE A11 A9 A8 A7 A6 A5 A4 VSS
VDD DQ0 NC DQ1 NC NC WE# RAS# BA1 A0 A2 VDD
NC VDDQ VSSQ NC VDDQ NC VSSQ NC VDDQ NC VDD A13 CAS# CS# BA0 A10 A1 A3
5.50 0.05
x8 (Top View)
Bottom View
1 A B C
SUBSTRATE: PLASTIC LAMINATE
2
3
4
5
6 A B C D E F G H J K L M
7
8
9
C L 3.20 0.05 4.50 0.05 9 .00 0.10
D E
SOLDER BALL MATERIAL: EUTECTIC 63% Sn, 37% Pb or 62% Sn, 36% Pb, 2%Ag SOLDER BALL PAD: O .33mm
MOLD COMPOUND: EPOXY NOVOLAC
F G H
FBGA PACKAGE MARKING
Due to the physical size of the FBGA package, the full ordering part number is not printed on the package. Instead the following package code is utilized. Top mark contains five fields * Field 1 (Product Family) DRAM DRAM - ES * Field 2 (Product Type) 2.5 Volt, DDR SDRAM, 60-ball * Field 3 (Width) x4 devices x8 devices x16 devices * Field 4 (Density / Size) 128Mb * Filed 5 (Speed Grade) -6 -75Z -75 -8 12345
J K L M
VSSQ DQ7 VSS NC VDDQ DQ6 NC VSSQ DQ5 NC VDDQ DQ4 NC VSSQ DQS VSS VREF DM CK CK# A12 CKE A11 A9 A8 A7 A6 A5 A4 VSS
VDD DQ1 DQ2 DQ3 NC NC WE# RAS# BA1 A0 A2 VDD
DQ0 VDDQ VSSQ NC VDDQ NC VSSQ NC VDDQ NC VDD A13 CAS# CS# BA0 A10 A1 A3
x16 (Top View)
1 2 3 4 5 6 A B C D E F G H J K L M 7 8 9 A B C D
D Z L B C D F J P F C
E F G H J K L M
VSSQ DQ14 DQ12 DQ10 DQ8 VREF
DQ15 VDDQ VSSQ VDDQ VSSQ VSS CK A12 A11 A8 A6 A4
VSS DQ13 DQ11 DQ9 UDQS UDM CK# CKE A9 A7 A5 VSS
VDD DQ2 DQ4 DQ6 LDQS LDM WE# RAS# BA1 A0 A2 VDD
DQ0 VSSQ VDDQ VSSQ VDDQ VDD CAS# CS# BA0 A10 A1 A3
VDDQ DQ1 DQ3 DQ5 DQ7 A13
Example top mark for a MT46V32M4FJ-6: DLBFJ
256Mb: x4, x8, x16 DDR333 SDRAM 128Mx4x8x16DDR333.p65 - Rev. A; Pub. 10/01
2
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2001, Micron Technology, Inc.
THIS DATA SHEET CONTAINS THE PRESENT DESCRIPTION OF A PRODUCT IN DEFINITION WITH NO FORMAL DESIGN IN PROGRESS.
PRELIMINARY
128Mb: x4, x8, x16 DDR333 SDRAM Addendum
66-PIN TSOP PACKAGE DIMENSION 66-PIN TSOP PACKAGE PIN ASSIGMENT
22.22 0.08 0.71 0.65 TYP 0.32 .075 TYP 0.10 (2X)
SEE DETAIL A
(TOP VIEW)
x4 x8 x16 VDD VDD VDD NC DQ0 DQ0 VDDQ VDDQ VDDQ NC DQ1 NC DQ0 DQ1 DQ2 VSSQ VSSQ VssQ NC DQ3 NC NC DQ2 DQ4 VDDQ VDDQ VDDQ NC NC DQ5 DQ1 DQ3 DQ6 VSSQ VSSQ VssQ NC DQ7 NC NC NC NC VDDQ VDDQ VDDQ NC NC LDQS NC NC NC VDD VDD VDD DNU DNU DNU NC NC LDM WE# WE# WE# CAS# CAS# CAS# RAS# RAS# RAS# CS# CS# CS# NC NC NC BA0 BA0 BA0 BA1 BA1 BA1 A10/AP A10/AP A10/AP A0 A0 A0 A1 A1 A1 A2 A2 A2 A3 A3 A3 VDD VDD VDD x16 VSS DQ15 VSSQ DQ14 DQ13 VDDQ DQ12 DQ11 VSSQ DQ10 DQ9 VDDQ DQ8 NC VSSQ UDQS DNU VREF VSS UDM CK# CK CKE NC A12 A11 A9 A8 A7 A6 A5 A4 VSS x8 VSS DQ7 VSSQ NC DQ6 VDDQ NC DQ5 VSSQ NC DQ4 VDDQ NC NC VSSQ DQS DNU VREF VSS DM CK# CK CKE NC A12 A11 A9 A8 A7 A6 A5 A4 VSS x4 VSS NC VSSQ NC DQ3 VDDQ NC NC VSSQ NC DQ2 VDDQ NC NC VSSQ DQS DNU VREF VSS DM CK# CK CKE NC A12 A11 A9 A8 A7 A6 A5 A4 VSS
11.76 0.10 10.16 0.08
PIN #1 ID
+0.03 0.15 -0.02
0.10 1.20 MAX
GAGE PLANE
0.25
0.10
+0.10 -0.05 0.80 TYP 0.50 0.10 DETAIL A
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33
66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34
NOTE:
1. All dimensions in millimeters. 2. Package width and length do not include mold protrusion; allowable mold protrusion is 0.25mm per side.
256Mb: x4, x8, x16 DDR333 SDRAM 128Mx4x8x16DDR333.p65 - Rev. A; Pub. 10/01
3
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2001, Micron Technology, Inc.
THIS DATA SHEET CONTAINS THE PRESENT DESCRIPTION OF A PRODUCT IN DEFINITION WITH NO FORMAL DESIGN IN PROGRESS.
PRELIMINARY
128Mb: x4, x8, x16 DDR333 SDRAM Addendum
PIN DESCRIPTIONS
BALL / PIN NUMBERS FBGA TSOP G2, G3 45, 46 SYMBOL CK, CK# TYPE Input DESCRIPTION Clock: CK and CK# are differential clock inputs. All address and control input signals are sampled on the crossing of the positive edge of CK and negative edge of CK#. Output data (DQs and DQS) is referenced to the crossings of CK and CK#. Clock Enable: CKE HIGH activates and CKE LOW deactivates the internal clock, input buffers and output drivers. Taking CKE LOW provides PRECHARGE POWER-DOWN and SELF REFRESH operations (all banks idle), or ACTIVE POWER-DOWN (row ACTIVE in any bank). CKE is synchronous for POWER-DOWN entry and exit, and for SELF REFRESH entry. CKE is asynchronous for SELF REFRESH exit and for disabling the outputs. CKE must be maintained HIGH throughout read and write accesses. Input buffers (excluding CK, CK# and CKE) are disabled during POWERDOWN. Input buffers (excluding CKE) are disabled during SELF REFRESH. CKE is an SSTL_2 input but will detect an LVCMOS LOW level after VDD is applied. Chip Select: CS# enables (registered LOW) and disables (registered HIGH) the command decoder. All commands are masked when CS# is registered HIGH. CS# provides for external bank selection on systems with multiple banks. CS# is considered part of the command code. Command Inputs: RAS#, CAS#, and WE# (along with CS#) define the command being entered. Input Data Mask: DM is an input mask signal for write data. Input data is masked when DM is sampled HIGH along with that input data during a WRITE access. DM is sampled on both edges of DQS. Although DM pins are input-only, the DM loading is designed to match that of DQ and DQS pins. For the x16 , LDM is DM for DQ0-DQ7 and UDM is DM for DQ8-DQ15. Pin 20 is a NC on x4 and x8 Bank Address Inputs: BA0 and BA1 define to which bank an ACTIVE, READ, WRITE, or PRECHARGE command is being applied. Address Inputs: Provide the row address for ACTIVE commands, and the column address and auto precharge bit (A10) for READ/WRITE commands, to select one location out of the memory array in the respective bank. A10 sampled during a PRECHARGE command determines whether the PRECHARGE applies to one bank (A10 LOW, bank selected by BA0, BA1) or all banks (A10 HIGH). The address inputs also provide the op-code during a MODE REGISTER SET command. BA0 and BA1 define which mode register (mode register or extended mode register) is loaded during the LOAD MODE REGISTER command.
H3
44
CKE
Input
H8
24
CS#
Input
H7, G8, G7 3F F7, 3F
23, 22, 21 47 20, 47
RAS#, CAS#, WE# DM LDM, UDM
Input Input
J8,J7 K7, L8, L7 M8, M2, L3 L2, K3, K2 J3, K8, J2
26, 27 29-32 32, 35, 36 36, 38, 39 40, 29, 41
BA0, BA1
Input
A0, A1, A2 Input A3, A4, A5 A6, A7, A8 A9, A10, A11
(continued on next page)
256Mb: x4, x8, x16 DDR333 SDRAM 128Mx4x8x16DDR333.p65 - Rev. A; Pub. 10/01
4
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2001, Micron Technology, Inc.
THIS DATA SHEET CONTAINS THE PRESENT DESCRIPTION OF A PRODUCT IN DEFINITION WITH NO FORMAL DESIGN IN PROGRESS.
PRELIMINARY
128Mb: x4, x8, x16 DDR333 SDRAM Addendum
PIN DESCRIPTIONS (continued)
BALL / PIN NUMBERS FBGA TSOP A8, B9, B7 C9, C7, D9 D7, E9, E1 D3, D1, C3 C1, B3, B1, A2 A8, B7, C7, D7, D3, C3, B3, A2 B7, D7, D3, B3 E3 E7, E3 2, 4, 5, 7, 8, 10 11, 13, 54 56, 57, 59 60, 62, 63, 65 2, 5, 8, 11, 56, 59 62, 65 5, 11, 56 62 51 16, 51 SYMBOL DQ0-2 DQ3-5 DQ6-8 DQ9-11 DQ12-14 DQ15 DQ0-2 DQ3-5 DQ6-7 DQ0-2 DQ2 DQS LDQS, UDQS TYPE I/O DESCRIPTION Data Input/Output: Data bus for x16
I/O
Data Input/Output: Data bus for x8
I/O I/O
Data Input/Output: Data bus for x4 Data Strobe: Output with read data, input with write data. DQS is edge-aligned with read data, centered in write data. It is used to capture data. For the x16 , LDQS is DQS for DQ0-DQ7 and UDQS IS DQS for DQ8-DQ15. Pin 16 (H7) is NC on x4 and x8. No Connect: These pins should be left unconnected. Do Not Use: Must float to minimize noise on Vref DQ Power Supply: +2.5V 0.2V. Isolated on the die for improved noise immunity. DQ Ground. Isolated on the die for improved noise immunity. Power Supply: +2.5V 0.2V. Ground. SSTL_2 reference voltage. Address input A13 for 1Gb devices. For 256Mb and greater devices.
14, 17, 25, 43, 53 19, 50 B2, D2, C8, 3, 9, 15, 55, E8, A9 61 A1, E2, B8, 6, 12, 52, D8 58, 64 F8, M7, A7 A1, A3, F2, M3 F1 F9 H2 49 17 42 1, 18, 33 34, 48, 66
NC DNU VDDQ VSSQ VDD VSS VREF A13 A12
- Supply Supply Supply Supply Supply I I
256Mb: x4, x8, x16 DDR333 SDRAM 128Mx4x8x16DDR333.p65 - Rev. A; Pub. 10/01
5
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2001, Micron Technology, Inc.
THIS DATA SHEET CONTAINS THE PRESENT DESCRIPTION OF A PRODUCT IN DEFINITION WITH NO FORMAL DESIGN IN PROGRESS.
PRELIMINARY
128Mb: x4, x8, x16 DDR333 SDRAM Addendum
GENERAL DESCRIPTION
The DDR333 SDRAM is a high-speed CMOS, dynamic random-access memory that operates at a frequency of 167 MHz (tCK=6ns) with a peak data transfer rate of 333Mb/s/p. DDR333 continues to use the JEDEC standard SSTL_2 interface and the 2n-prefetch architecture. The standard DDR200/DDR266 data sheets also pertain to the DDR333 device and should be referenced for a complete description of DDR SDRAM functionality and operating modes. However, to meet the faster DDR333 operating frequencies, some of the AC timing parameters are slightly tighter. This addendum data sheet will concentrate on the key differences required to support the enhanced speeds. In addition to the standard 66-pin TSOP package, a 60-ball FBGA package is utilized for DDR333. This JEDEC-defined package promotes better package parasitic parameters and a smaller footprint.
CAPACITANCE (FBGA)
(Notes: 1-5, 14-17, 33; notes appear in DDR200/266 data sheets) (0C TA 70C; VDDQ = +2.5V 0.2V, VDD = +2.5V 0.2V) PARAMETER Delta Input/Output Capacitance: DQs, DQS, DM (for x4 or x8 devices) DQ0-DQ7, LDQS, LDM (for lower byte of x16 devices), DQ8-DQ15, UDQS, UDM (for upper byte of x16 devices) Delta Input Capacitance: Command and Address Delta Input Capacitance: CK, CK# Input/Output Capacitance: DQs, DQS, DM (LDQS, LDM, UDM) Input Capacitance: Command and Address Input Capacitance: CK, CK# Input Capacitance: CKE DCIO DCIO DCIO DCI1 DCI2 CIO CI1 CI2 CI3 - - - - - 3.50 1.50 1.50 1.50 0.50 0.50 0.50 0.50 0.25 4.00 2.50 2.50 2.50 pF pF pF pF pF pF pF pF pF 13, 24 13, 24 13, 29 13, 29 13, 29 13 13 13 13 SYMBOL MIN MAX UNITS NOTES
CAPACITANCE (TSOP)
(Notes: 1-5, 14-17, 33; notes appear in DDR200/266 data sheets) (0C TA 70C; VDDQ = +2.5V 0.2V, VDD = +2.5V 0.2V) PARAMETER Delta Input/Output Capacitance: DQs, DQS, DM (for x4 or x8 devices) DQ0-DQ7, LDQS, LDM (for lower byte of x16 devices), DQ8-DQ15, UDQS, UDM (for upper byte of x16 devices) Delta Input Capacitance: Command and Address Delta Input Capacitance: CK, CK# Input/Output Capacitance: DQs, DQS, DM (LDQS, LDM, UDM) Input Capacitance: Command and Address Input Capacitance: CK, CK# Input Capacitance: CKE DCIO DCIO DCIO DCI1 DCI2 CIO CI1 CI2 CI3 - - - - - 4.0 2.0 2.0 2.0 0.50 0.50 0.50 0.50 0.25 5.0 3.0 3.0 3.0 pF pF pF pF pF pF pF pF pF 13, 24 13, 24 13, 24 13, 29 13, 29 13 13 13 13 SYMBOL MIN MAX UNITS NOTES
256Mb: x4, x8, x16 DDR333 SDRAM 128Mx4x8x16DDR333.p65 - Rev. A; Pub. 10/01
6
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2001, Micron Technology, Inc.
THIS DATA SHEET CONTAINS THE PRESENT DESCRIPTION OF A PRODUCT IN DEFINITION WITH NO FORMAL DESIGN IN PROGRESS.
PRELIMINARY
128Mb: x4, x8, x16 DDR333 SDRAM Addendum
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(Notes: 1-5, 14-17, 33; notes appear in DDR200/266 data sheets) (0C TA 70C; VDDQ = +2.5V 0.2V, VDD = +2.5V 0.2V)
AC CHARACTERISTICS PARAMETER Access window of DQs from CK/CK# CK high-level width CK low-level width Clock cycle time SYMBOL tAC tCH tCL tCK (2.5) CL = 2.5 tCK (2) CL = 2 tDH DQ and DM input hold time relative to DQS tDS DQ and DM input setup time relative to DQS tDIPW DQ and DM input pulse width (for each input) tDQSCK Access window of DQS from CK/CK# tDQSH DQS input high pulse width tDQSL DQS input low pulse width tDQSQ DQS-DQ skew, DQS to last DQ valid, per group, per access tDQSS Write command to first DQS latching transition tDSS DQS falling edge to CK rising - setup time tDSH DQS falling edge from CK rising - hold time tHP Half clock period tHZ Data-out high-impedance window from CK/CK# tLZ Data-out low-impedance window from CK/CK# tIH Address and control input hold time (fast slew rate) F t IS Address and control input setup time (fast slew rate) F tIH Address and control input hold time (slow slew rate) S t IS Address and control input setup time (slow slew rate) S tIPW Address and control input pulse width tMRD LOAD MODE REGISTER command cycle time tQH DQ-DQS hold, DQS to first DQ to go non-valid, per access Data Hold Skew Factor ACTIVE to AUTOPRECHARGE command ACTIVE to PRECHARGE command ACTIVE to ACTIVE/AUTO REFRESH command period AUTO REFRESH command period ACTIVE to READ or WRITE delay PRECHARGE command period DQS read preamble DQS read postamble ACTIVE bank a to ACTIVE bank b command DQS write preamble DQS write preamble setup time DQS write postamble Write recovery time Internal WRITE to READ command delay Data valid output window REFRESH to REFRESH command interval Average periodic refresh interval Terminating voltage delay to VDD Exit SELF REFRESH to non-READ command Exit SELF REFRESH to READ command
tQHS tRAP tRAS tRC tRFC tRCD tRP tRPRE tRPST tRRD tWPRE tWPRES tWPST tWR tWTR
na
tREFC tREFI tVTD tXSNR tXSRD
-6 (FBGA) MIN MAX -0.7 +0.7 0.45 0.55 0.45 0.55 6 13 7.5 13 0.45 0.45 1.75 -0.60 +0.60 0.35 0.35 0.35 0.75 1.25 0.2 0.2 tCH,tCL +0.70 -0.70 0.75 0.75 0.80 0.80 2.2 12 tHP - tQHS 0.50 18 42 70,000 60 72 18 18 0.9 1.1 0.4 0.6 12 0.25 0 0.4 0.6 15 1 tQH - tDQSQ 140.6 15.6 0 75 200
-6T (TSOP) MIN MAX -0.7 +0.7 0.45 0.55 0.45 0.55 6 13 7.5 13 0.45 0.45 1.75 -0.60 +0.60 0.35 0.35 0.45 0.75 1.25 0.2 0.2 tCH,tCL +0.70 -0.70 0.75 0.75 0.80 0.80 2.2 12 tHP - tQHS 0.60 18 42 70,000 60 72 18 18 0.9 1.1 0.4 0.6 12 0.25 0 0.4 0.6 15 1 tQH - tDQSQ 140.6 15.6 0 75 200
-75Z MIN MAX UNITS NOTES -0.75 +0.75 ns tCK 0.45 0.55 30 tCK 0.45 0.55 30 7.5 13 ns 45,52 7.5 13 ns 45,52 0.50 ns 26,31 0.50 ns 26,31 1.75 ns 31 -0.75 +0.75 ns tCK 0.35 tCK 0.35 0.50 ns 25, 26 tCK 0.75 1.25 tCK 0.2 tCK 0.2 tCH,tCL ns 34 +0.75 ns 18,42 -0.75 ns 18,43 0.90 ns 14 0.90 ns 14 1 ns 14 1 ns 14 2.2 ns 15 ns tHP ns 25, 26 - tQHS 0.75 ns 20 ns 46 40 120,000 ns 35 65 ns 75 ns 50 20 ns 20 ns tCK 0.9 1.1 42 tCK 0.4 0.6 15 ns tCK 0.25 0 ns 20, 21 tCK 0.4 0.6 19 15 ns tCK 1 tQH - tDQSQ ns 25 140.6 s 23 15.6 s 23 0 ns 75 ns tCK 200
256Mb: x4, x8, x16 DDR333 SDRAM 128Mx4x8x16DDR333.p65 - Rev. A; Pub. 10/01
7
Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2001, Micron Technology, Inc.
THIS DATA SHEET CONTAINS THE PRESENT DESCRIPTION OF A PRODUCT IN DEFINITION WITH NO FORMAL DESIGN IN PROGRESS.
PRELIMINARY
128Mb: x4, x8, x16 DDR333 SDRAM Addendum
8000 S. Federal Way, P.O. Box 6, Boise, ID 83707-0006, Tel: 208-368-3900
E-mail: prodmktg@micron.com, Internet: http://www.micron.com, Customer Comment Line: 800-932-4992 Micron is a registered trademark and the Micron logo and M logo are trademarks of Micron Technology, Inc.
256Mb: x4, x8, x16 DDR333 SDRAM 128Mx4x8x16DDR333.p65 - Rev. A; Pub. 10/01 Micron Technology, Inc., reserves the right to change products or specifications without notice. (c)2001, Micron Technology, Inc.
8
THIS DATA SHEET CONTAINS THE PRESENT DESCRIPTION OF A PRODUCT IN DEFINITION WITH NO FORMAL DESIGN IN PROGRESS.


▲Up To Search▲   

 
Price & Availability of MT46V8M16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X